PART |
Description |
Maker |
4748 |
Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
|
Schurter Inc.
|
0712 |
Distribution Unit for Snap-in Mounting with 1 IEC Appliance Inlet C14 and 1 Appliance Outlet F
|
Schurter Inc.
|
ISL6116 ISL6120 ISL6120CB ISL6120CB-T ISL6120CBZA |
Controller, Hot Swap, Power Distribution, Single 2.5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 3.3V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 12V Control, IntelliTripCurrent Regulation, PGOOD Always Enabled Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 Power Distribution Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
NC12S0A0V40 |
DC/DC Power Modul
|
Delta Electronics
|
NC12S0A0H20 NC12S0A0V20 |
DC/DC Power Modul
|
Delta Electronics
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
3-553239-4 3-553239-1 3-553239-3 3-553445-4 3-5534 |
POWER DISTRIBUTION
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
ISL6116 ISL6116CB ISL6115CB ISL6117 ISL6117CB |
Power Distribution Controllers
|
INTERSIL[Intersil Corporation]
|
G545 |
Power Distribution Switch
|
Global Mixed-mode Technology Inc.
|
G524 |
Power Distribution Switch
|
Global Mixed-mode Techn...
|
|